PART |
Description |
Maker |
BCM0505-FEC BCE0808-FEC BCM0606-FEC BCM0404-FEC |
Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes CONNECTOR 32MM/M32 CONDUIT CONNECTOR 20MM CONDUIT CONNECTOR 25MM 导管连接5毫米
|
Maxim Integrated Products, Inc.
|
70AAJ-6-M0G 70AAJ-5-M0 70AAJ-2-M0G 70AAJ-3-M0G |
Modular Contacts 2.54mm 6Pin Male Standard Pins PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Battery Holder; Leaded Process Compatible:Yes RoHS Compliant: Yes Modular Contacts 2.54mm 3Pin Male Standard Pins
|
Bourns, Inc. BOURNS INC
|
HYB5117400BJ-50- Q67100-Q1088 HYB5117400BJ-50 HYB5 |
Connector Cover; Leaded Process Compatible:No; Enclosure Color:Gray; For Use With:SB 350 Connector; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 4米4位动态随机存储器 4M x 4-Bit Dynamic RAM
|
http:// SIEMENS AG
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
A5M AA6F |
XLR Style Audio Connector; Number of Contacts:5; Mounting Type:Cable; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes GENERAL PURPOSE AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc. SWITCHCRAFT INC
|
LC4103TAB-02 LC4103C LC4103TAB-01 |
SZ 12 HARD ANODIZE RECP COVER Connector Dust Cap; For Use With:MIL-C-26482, Series I Circular Connector Receptacles; Accessory Type:Dust Cap; Body Plating:Anodized; Connector Shell Size:12; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: NA STN LCD Dot Matrix Common Driver
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
1210D 1202D 1206FD 1206D 1210UFD |
200 V - 1,000 V Single Phase Bridge 200 1,000 V单相 Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Sleeving; Material:Tinned Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
X24022 X24022P X24022P-2.7 X24022P-3 X24022PI X240 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 串行E2PROM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Serial E2PROM
|
XICOR[Xicor Inc.]
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
MURF805 MURF810 MURF840 MURF860 MURF820 |
Circular Connector; Gender:Male; No. of Contacts:12; Series:Trident Neptune; Body Length:1.527"; Body Material:Plastic; Connector Shell Size:14; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 8 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
|
MCC[Micro Commercial Components] http://
|
50-25SN-12 |
Card Edge Connector; No. of Contacts:50; Pitch Spacing:0.1"; Contact Termination:Solder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
CINCH CONNECTORS
|